Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 135 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 131Page - NXP Semiconductors CLRC663 Datasheet HTML 132Page - NXP Semiconductors CLRC663 Datasheet HTML 133Page - NXP Semiconductors CLRC663 Datasheet HTML 134Page - NXP Semiconductors CLRC663 Datasheet HTML 135Page - NXP Semiconductors CLRC663 Datasheet HTML 136Page - NXP Semiconductors CLRC663 Datasheet HTML 137Page - NXP Semiconductors CLRC663 Datasheet HTML 138Page - NXP Semiconductors CLRC663 Datasheet HTML 139Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
BC
BC
AK
AK
16.60±0.08+7°/S SQ.
(14.40+5°/S SQ.)
AN
AN
aaa-004949
BB
BD
BA
BD
AJ
AR
AJ
AL
AL
AM
AM
AR
BA
BB
section BC-BC
scale 4:1
vacuum cell
section BD-BD
scale 4:1
section BA-BA
scale 4:1
detail AC
scale 20:1
section AJ-AJ
scale 2:1
section AR-AR
scale 2:1
section AL-AL
scale 5:1
section AK-AK
scale 5:1
section AM-AM
scale 4:1
section AN-AN
scale 4:1
end lock
side lock
12.80-5°/S SQ.
14.20±0.08+10°/S SQ.
13.85±0.08+12°/S SQ.
B
A
C
0.50
B
A
C
0.50
Figure 47. Tray details
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
135 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com