Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 136 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 132Page - NXP Semiconductors CLRC663 Datasheet HTML 133Page - NXP Semiconductors CLRC663 Datasheet HTML 134Page - NXP Semiconductors CLRC663 Datasheet HTML 135Page - NXP Semiconductors CLRC663 Datasheet HTML 136Page - NXP Semiconductors CLRC663 Datasheet HTML 137Page - NXP Semiconductors CLRC663 Datasheet HTML 138Page - NXP Semiconductors CLRC663 Datasheet HTML 139Page - NXP Semiconductors CLRC663 Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
aaa-004950
tape
guard band
circular sprocket holes
opposite the label side of reel
cover tape
carrier tape
enlongated
circular
enlongated
PIN1 has to be
in quadrant 1
QA seal
preprinted ESD warning
PQ-label
dry-pack ID preprinted
(permanent)
product orientation
in carrier tape
product orientation ONLY for turned
products with 12nc ending 128
HOW TO SECURE LEADER END TO THE GUARD BAND,
HOW TO SECURE GUARD BAND
unreeling direction
(see: HOW TO SECURE)
(see: HOW TO SECURE)
PIN1
PIN1
PIN1 PIN1
BGA
bare die
BGA
bare die
for SOT505-2
ending 125
for SOT765
ending 125
PIN1
PIN1
PIN1
PIN1
PIN1
QFP
QFP
PLCC
SO
SO
1 2
3 4
(HV)QFN
(HV)SON
(H)BCC
(HV)QFN
(HV)SON
(H)BCC
1 2
3 4
see: ASSY REEL + LABELS
ASSY REEL + LABELS
label side
embossed
ESD logo
embossed
ESD logo
tape
printed plano-box
Ø 330x12/16/24/32 (hub 7'')
Ø 330x16/24/32/44 (hub 4'')
Ø 330x44 (hub 6'')
Ø 180x12/16/24
tapeslot
label side
trailer
leader
leader : lenght of trailer shall be 400 mm min.
and covered with cover tape
circular sprocket hole side
guard band
trailer : lenght of trailer shall be 160 mm min.
and covered with cover tape
tape
(with pull tabs on both ends)
guard band
lape double-backed
onto itself on both ends
Figure 48. Packing information Reel
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
136 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com