Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 137 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 133Page - NXP Semiconductors CLRC663 Datasheet HTML 134Page - NXP Semiconductors CLRC663 Datasheet HTML 135Page - NXP Semiconductors CLRC663 Datasheet HTML 136Page - NXP Semiconductors CLRC663 Datasheet HTML 137Page - NXP Semiconductors CLRC663 Datasheet HTML 138Page - NXP Semiconductors CLRC663 Datasheet HTML 139Page - NXP Semiconductors CLRC663 Datasheet HTML 140Page - NXP Semiconductors CLRC663 Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
19 Appendix
19.1 LoadProtocol command register initialization
The RF configuration is loaded with the command Load Protocol. The tables below show the register
configuration as performed by this command for each of the protocols. Antenna specific configurations are not
covered by this register settings.
The CLRC66301 and CLRC66302 is not initialized for any antenna configuration. For this product the antenna
configuration needs to be done by firmware.
The CLRC66303 antenna configuration in the user EEPROM is described in the Section 19.2.
Value for register
Value (hex)
TxBitMod
20
RFU
00
TxDataCon
04
TxDataMod
50
TxSymFreq
40
TxSym0H
00
TxSym0L
00
TxSym1H
00
TxSym1L
00
TxSym2
00
TxSym3
00
TxSym10Len
00
TxSym32Len
00
TxSym10BurstCtrl
00
TxSym10Mod
00
TxSym32Mod
50
RxBitMod
02
RxEofSym
00
RxSyncValH
00
RxSyncValL
01
RxSyncMod
00
RxMod
08
RxCorr
80
FabCal
B2
Table 259. ISO/IEC14443-A 106 / MIFARE Classic (Protocol Number 00)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
137 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com