Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 235 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 235 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 231Page - PMC-Sierra, Inc PM5313 Datasheet HTML 232Page - PMC-Sierra, Inc PM5313 Datasheet HTML 233Page - PMC-Sierra, Inc PM5313 Datasheet HTML 234Page - PMC-Sierra, Inc PM5313 Datasheet HTML 235Page - PMC-Sierra, Inc PM5313 Datasheet HTML 236Page - PMC-Sierra, Inc PM5313 Datasheet HTML 237Page - PMC-Sierra, Inc PM5313 Datasheet HTML 238Page - PMC-Sierra, Inc PM5313 Datasheet HTML 239Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
203
SENB:
The loss of signal transition detector enable (SENB) bit enables the
declaration of loss of transition (LOT) when more than 95 consecutive ones or
zeros occurs in the receive data. When SENB is a logic zero, a loss of
transition is declared when more than 95 consecutive ones or zeros occurs in
the receive data or when the SD input is low. When SENB is a logic one, a
loss of transition is declared only when the SD input is low.
PFPEN:
The parallel frame pulse enable (PFPEN) enables the parallel frame pulse
operation when the parallel data interface is enabled (LIFSEL set high or
PDLE set high). When PFPEN is a logic zero, the input frame pulse is ignored
and the SONET framing is performed on the PIN[7:0] data. When PFPEN is a
logic one, the SONET framer is ignored and the PIN[7:0] bus is assumed to
be byte aligned marked with the input frame pulse (FPIN). PFPEN is ignored
when the parallel data interface is disabled.
SDINV:
The signal detect input invert (SDINV) controls the polarity of the SD input.
The value of the SD input is logically XOR’ed with the value of the SDINV
register. Therefore, when SDINV is a logic zero, valid signal power is
indicated by the SD input high. When SDINV is a logic one, valid signal power
is indicated by the SD input low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com