Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 236 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 236 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 232Page - PMC-Sierra, Inc PM5313 Datasheet HTML 233Page - PMC-Sierra, Inc PM5313 Datasheet HTML 234Page - PMC-Sierra, Inc PM5313 Datasheet HTML 235Page - PMC-Sierra, Inc PM5313 Datasheet HTML 236Page - PMC-Sierra, Inc PM5313 Datasheet HTML 237Page - PMC-Sierra, Inc PM5313 Datasheet HTML 238Page - PMC-Sierra, Inc PM5313 Datasheet HTML 239Page - PMC-Sierra, Inc PM5313 Datasheet HTML 240Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
204
Register 0031H: CRSI Status
Bit
Type
Function
Default
Bit 7
R
LOCK
X
Bit 6
R
LOTV
X
Bit 5
R
ROOLV
X
Bit 4
R
DOOLV
X
Bit 3
Unused
X
Bit 2
R/W
LOTE
0
Bit 1
R/W
ROOLE
0
Bit 0
R/W
DOOLE
0
The Clock Recovery Status register provides information on the status of the
CRU-622 clock recovery.
DOOLE:
The DOOLE bit is an interrupt enable for the recovered data out of lock
status. When DOOLE is set to logic one, an interrupt is generated upon
assertion and negation events of the DOOLV register. When DOOLE is set
low, changes in the DOOL status does not generate an interrupt.
ROOLE:
The ROOLE bit enables the reference out of lock indication interrupt. When
ROOLE is set high, an interrupt is generated upon assertion and negation
events of the ROOLV register. When ROOLE is set low, changes in the ROOL
status does not generate an interrupt.
LOTE:
The LOTE bit enables the loss of transition indication interrupt. When LOTE is
set high, an interrupt is generated upon assertion events of the LOTV register.
When LOTE is set low, changes in the LOTV status does not generate an
interrupt.
DOOLV:
The recovered data out of lock status indicates the clock recovery phase
locked loop is unable to recover and lock to the input data stream. DOOLV is
a logic one if the divided down recovered clock frequency is not within
488ppm of the REFCLK frequency or if no transitions have occurred on the
RXD input for more than 96 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com