Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 240 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 240 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 236Page - PMC-Sierra, Inc PM5313 Datasheet HTML 237Page - PMC-Sierra, Inc PM5313 Datasheet HTML 238Page - PMC-Sierra, Inc PM5313 Datasheet HTML 239Page - PMC-Sierra, Inc PM5313 Datasheet HTML 240Page - PMC-Sierra, Inc PM5313 Datasheet HTML 241Page - PMC-Sierra, Inc PM5313 Datasheet HTML 242Page - PMC-Sierra, Inc PM5313 Datasheet HTML 243Page - PMC-Sierra, Inc PM5313 Datasheet HTML 244Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
208
Register 0034H: RSOP Control and Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
BLKBIP
0
Bit 6
R/W
DDS
0
Bit 5
W
FOOF
X
Bit 4
R/W
ALGO2
0
Bit 3
R/W
BIPEE
0
Bit 2
R/W
LOSE
0
Bit 1
R/W
LOFE
0
Bit 0
R/W
OOFE
0
OOFE:
The OOFE bit is an interrupt enable for the out of frame alarm. When OOFE
is a logic one, a section interrupt is generated when the out-of-frame alarm is
declared or removed.
LOFE:
The LOFE bit is an interrupt enable for the loss of frame alarm. When LOFE
is a logic one, a section interrupt is generated when the loss of frame alarm is
declared or removed.
LOSE:
The LOSE bit is an interrupt enable for the loss of signal alarm. When LOSE
is a logic one, a section interrupt is generated when the loss of signal alarm is
declared or removed.
BIPEE:
The BIPEE bit is an interrupt enable for the section BIP-8 (B1) errors. When
BIPEE is a logic one, a section interrupt is generated when a section BIP-8
error is detected.
ALGO2:
The ALGO2 bit selects the framing algorithm used to confirm and maintain the
frame alignment. When a logic one is written to the ALGO2 bit position, the
framer is enabled to use the second of the framing algorithms where only the
first A1 framing byte and the first 4 bits of the last A2 framing byte (12 bits
total) are examined. This algorithm examines only 12 bits of the framing
pattern; all other framing bits are ignored. When a logic zero is written to the
ALGO2 bit position, the framer is enabled to use the first of the framing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com