Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 241 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 241 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 237Page - PMC-Sierra, Inc PM5313 Datasheet HTML 238Page - PMC-Sierra, Inc PM5313 Datasheet HTML 239Page - PMC-Sierra, Inc PM5313 Datasheet HTML 240Page - PMC-Sierra, Inc PM5313 Datasheet HTML 241Page - PMC-Sierra, Inc PM5313 Datasheet HTML 242Page - PMC-Sierra, Inc PM5313 Datasheet HTML 243Page - PMC-Sierra, Inc PM5313 Datasheet HTML 244Page - PMC-Sierra, Inc PM5313 Datasheet HTML 245Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
209
algorithms where all the A1 framing bytes and all the A2 framing bytes are
examined.
FOOF:
The FOOF bit is used to force the RSOP out-of-frame. When a logic one is
written to the FOOF bit location, the SPECTRA-622 is forced out-of-frame at
the next frame boundary, for only one frame. The out-of-frame event results in
the assertion of the OOFV register bit. The FOOF bit is defined as write only
and the reading of this bit is undefined.
DDS:
The DDS bit is used to disable the descrambling of the received stream.
When a logic one is written to the DDS bit position, the descrambler is
disabled. When a logic zero is written to the DDS bit position, the descrambler
is enabled.
BLKBIP:
The BLKBIP bit enables the accumulating of section block BIP errors. When
set to logic one, one or more errors in the section BIP-8 byte (B1) results in a
single error accumulated in the B1 error counter. When a logic zero is written
to the BLKBIP bit position, all errors in the B1 byte are accumulated in the B1
error counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com