Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 242 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 242 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 238Page - PMC-Sierra, Inc PM5313 Datasheet HTML 239Page - PMC-Sierra, Inc PM5313 Datasheet HTML 240Page - PMC-Sierra, Inc PM5313 Datasheet HTML 241Page - PMC-Sierra, Inc PM5313 Datasheet HTML 242Page - PMC-Sierra, Inc PM5313 Datasheet HTML 243Page - PMC-Sierra, Inc PM5313 Datasheet HTML 244Page - PMC-Sierra, Inc PM5313 Datasheet HTML 245Page - PMC-Sierra, Inc PM5313 Datasheet HTML 246Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
210
Register 0035H: RSOP Status and Interrupt
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
BIPEI
X
Bit 5
R
LOSI
X
Bit 4
R
LOFI
X
Bit 3
R
OOFI
X
Bit 2
R
LOSV
X
Bit 1
R
LOFV
X
Bit 0
R
OOFV
X
OOFV:
The OOFV bit is set high when out of frame is declared. OOFV is set high and
out-of frame declared while the SPECTRA-622 is unable to find a valid
framing pattern (A1, A2) in the incoming stream. OOF is removed when a
valid framing pattern is detected. This alarm indication is also available on
SPECTRA-622 OOF and SALM outputs.
LOFV:
The LOFV bit is set high when loss of frame is declared. LOFV is set high and
loss of frame declared when an out-of-frame state persists for 3 ms. LOF is
removed when an in frame state persists for 3 ms. This alarm indication is
also available on the SPECTRA-622 LOF and SALM outputs.
LOSV:
The LOSV bit is set high when loss of signal is declared. LOSV is set high
and loss of signal declared when 20 ± 2.5 µs of consecutive all zeros patterns
is detected in the incoming stream. LOS is removed when two valid framing
words (A1, A2) are detected, and during the intervening time (125 µs), no
violating period of all zeros patterns is observed. This alarm indication is also
available on the SPECTRA-622 LOS/RRCPFP and SALM outputs.
OOFI:
The OOFI bit is set high when out of frame is declared or removed. This bit is
cleared when this register is read. A clear on write version of this register bit
may be found in the SPECTRA-622 Auxiliary Section/Line Interrupt Status
Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com