Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 245 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 245 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 241Page - PMC-Sierra, Inc PM5313 Datasheet HTML 242Page - PMC-Sierra, Inc PM5313 Datasheet HTML 243Page - PMC-Sierra, Inc PM5313 Datasheet HTML 244Page - PMC-Sierra, Inc PM5313 Datasheet HTML 245Page - PMC-Sierra, Inc PM5313 Datasheet HTML 246Page - PMC-Sierra, Inc PM5313 Datasheet HTML 247Page - PMC-Sierra, Inc PM5313 Datasheet HTML 248Page - PMC-Sierra, Inc PM5313 Datasheet HTML 249Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
213
Register 0040H: RLOP Control and Status
Bit
Type
Function
Default
Bit 7
R/W
BLKBIP
0
Bit 6
R/W
ALLONES
0
Bit 5
R/W
LAISDET
0
Bit 4
R/W
LRDIDET
0
Bit 3
R/W
BLKBIPO
0
Bit 2
R/W
BLKREI
0
Bit 1
R
LAISV
X
Bit 0
R
LRDIV
X
LRDIV:
The LRDIV bit is set high when line Remote Defect Indication (RDI) is
detected. Line RDI is detected when a 110 binary pattern is detected in bits 6,
7, and 8, of the K2 byte for three or five consecutive frames (as selected by
the LRDIDET bit in this register). Line RDI is removed when any pattern other
than 110 is detected for three or five consecutive frames. This alarm
indication is also available on the SPECTRA-622 LRDI/RRCPCLK and SALM
outputs.
LAISV:
The LAISV bit is set high when line Alarm Indication Signal (AIS) is detected.
Line AIS is detected when a 111 binary pattern is detected in bits 6, 7, and 8,
of the K2 byte for three or five consecutive frames (as selected by the
LAISDET bit in this register). Line AIS is removed when any pattern other than
111 is detected for three or five consecutive frames. This alarm indication is
also available on the SPECTRA-622 LAIS/RRCPDAT and SALM outputs.
BLKREI:
The BLKREI (Block REI) bit controls the accumulation of REI's. When
BLKREI is logic 1, and the REI has a value between 1 and 4, the REI event
counter is incremented for each set REI bit. If the REI has value greater than
4, and is valid, the REI counter is only incremented by 4. When BLKREI is
logic 0, the REI event counter is incremented for each and every REI bit that
occurs during that frame. The counter may be incremented up to 96 times..
The REI counter is not incremented for invalid REI codewords.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com