Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 307 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 307 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 303Page - PMC-Sierra, Inc PM5313 Datasheet HTML 304Page - PMC-Sierra, Inc PM5313 Datasheet HTML 305Page - PMC-Sierra, Inc PM5313 Datasheet HTML 306Page - PMC-Sierra, Inc PM5313 Datasheet HTML 307Page - PMC-Sierra, Inc PM5313 Datasheet HTML 308Page - PMC-Sierra, Inc PM5313 Datasheet HTML 309Page - PMC-Sierra, Inc PM5313 Datasheet HTML 310Page - PMC-Sierra, Inc PM5313 Datasheet HTML 311Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
275
UNUSED_EN:
The UNUSED_EN bit enables overwriting the unused transport overhead
bytes with an all ones or all zeros pattern. When UNUSED_EN is set high, the
unused transport overhead bytes (B1 byte positions of STS-1 #N for 2
≤N≤12,
D1 to D3 byte positions of STS-1 #N for 2
≤N≤12, K1 and K2 byte positions of
STS-1 #N for 2
≤N≤12, D4 to D12 byte positions of STS-1 #N for 2≤N≤12, Z1
byte positions of STS-1 #N for 2
≤N≤12, Z2 byte positions of STS-1 #N for
4
≤N≤12 and N=2) are overwritten with an all ones pattern or all zeros pattern
as controlled by the UNUSED_V bit. When UNUSED_EN is set low, the
unused transport overhead bytes are controlled by the TTOHEN input. When
UNUSED_EN and TTOHEN are both high, the UNUSED_EN has
precedence.
Z0INS:
The Z0INS bit controls the values inserted in the transmit Z0 bytes. When
Z0INS is logic 1, the value contained in the TTOC Transmit Z0 register is
inserted in the Z0 bytes of STS-1 #2 to #12 as specified by Bellcore. ZOINS
has precedence over the NAT_EN register bit, TTOH/TTOHEN inputs and the
TSOP Control Register DC1 register bit. When Z0INS is logic 0, the Z0 bytes
may be inserted via the NAT_EN register bit or TTOH/TTOHEN. Leaving the
Z0 bytes undefined and programming the DC1 bit in the TSOP Control
register to logic zero will allow an incremental count of 2 to 12 to be inserted
into the Z0 bytes.
TAPS_SEL:
The transmit APS select (TAPS_SEL) bit selects the source of the transmit
APS (K1/K2) bytes. When TAPS_SEL is low, the TTOHEN or TOH is used as
source for the APS bytes. TTOH has precedence over TOH. When
TAPS_SEL is high, the APS bytes are sourced from Transmit alarm port
(TAP).
REI_EN:
The REI_EN bit enables the TTOHREI input and the insertion of an REI error
count into the transmit M1 byte position. When this bit is set high, the REI
count to be inserted into the M1 byte is supplied via the TTOHREI input. For
each REI error, a logic 1 must be sampled on TTOHREI. The high samples
(pulses) in between TTOHFP pulses are counted and the count inserted into
the M1 byte. When REI_EN is set low, the M1 byte may be supplied via the
TTOH and TTOHEN inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com