Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 306 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 306 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 302Page - PMC-Sierra, Inc PM5313 Datasheet HTML 303Page - PMC-Sierra, Inc PM5313 Datasheet HTML 304Page - PMC-Sierra, Inc PM5313 Datasheet HTML 305Page - PMC-Sierra, Inc PM5313 Datasheet HTML 306Page - PMC-Sierra, Inc PM5313 Datasheet HTML 307Page - PMC-Sierra, Inc PM5313 Datasheet HTML 308Page - PMC-Sierra, Inc PM5313 Datasheet HTML 309Page - PMC-Sierra, Inc PM5313 Datasheet HTML 310Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
274
Register 00C1H: TTOC Transmit Overhead Byte Control
Bit
Type
Function
Default
Bit 7
R/W
TREN
1
Bit 6
R/W
REI_EN
0
Bit 5
R/W
TAPS_SEL
0
Bit 4
R/W
Z0INS
0
Bit 3
R/W
UNUSED_EN
0
Bit 2
R/W
UNUSED_V
0
Bit 1
R/W
NAT_EN
0
Bit 0
R/W
NAT_V
0
NAT_V:
The NAT_V bit determines the value to insert into the national use transport
overhead bytes when the NAT_EN register bit is programmed to overwrite
these bytes. When NAT_V is set high, the national use transport overhead
bytes are set to FFH. When NAT_V is set low, the national use transport
overhead bytes are set to 00H. This register bit has not effect when the
NAT_EN register bit is set to logic zero.
NAT_EN:
The NAT_EN bit enables overwriting the national use transport overhead
bytes with an all ones or all zeros pattern. The national use TOH bytes
affected when NAT_EN is set high are the F1 and E2 bytes of STS-1 (STM-
0/AU3) #2 to #12 and the Z0 bytes of STS-1 #5 to #12, as specified by ITU.
When this bit is high, these bytes are overwritten with an all ones pattern or
all zeros pattern as controlled by the NAT_V bit. When NAT_EN is set low, the
national use TOH bytes are controlled by the TTOHEN input or Z0INS register
bit. The Z0INS register bit has precedence over NAT_EN for the setting of Z0.
NAT_EN has precedence over TTOHEN for all three bytes. Since the Z0 byte
is not scrambled, setting this bit will generate very long gap without transition
on the output stream.
UNUSED_V:
The UNUSED_V bit determines the value to insert into the unused transport
overhead bytes when the UNUSED_EN register bit is programmed to
overwrite these bytes. When UNUSED_V is set high, the unused transport
overhead bytes are set to FFH. When UNUSED_V is set low, the unused
transport overhead bytes are set to 00H. This register bit has not effect when
the UNUSED_EN register bit is set to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com