Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 302 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 302 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 298Page - PMC-Sierra, Inc PM5313 Datasheet HTML 299Page - PMC-Sierra, Inc PM5313 Datasheet HTML 300Page - PMC-Sierra, Inc PM5313 Datasheet HTML 301Page - PMC-Sierra, Inc PM5313 Datasheet HTML 302Page - PMC-Sierra, Inc PM5313 Datasheet HTML 303Page - PMC-Sierra, Inc PM5313 Datasheet HTML 304Page - PMC-Sierra, Inc PM5313 Datasheet HTML 305Page - PMC-Sierra, Inc PM5313 Datasheet HTML 306Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
270
Register 00BAH: TLOP Transmit K1
Bit
Type
Function
Default
Bit 7
R/W
K1[7]
0
Bit 6
R/W
K1[6]
0
Bit 5
R/W
K1[5]
0
Bit 4
R/W
K1[4]
0
Bit 3
R/W
K1[3]
0
Bit 2
R/W
K1[2]
0
Bit 1
R/W
K1[1]
0
Bit 0
R/W
K1[0]
0
K1[7:0]:
The K1[7:0] bits contain the value inserted in the K1 byte when the APSREG
bit in the TLOP Control Register is logic one. K1[7] is the most significant bit
corresponding to bit 1, the first bit transmitted. K1[0] is the least significant bit,
corresponding to bit 8, the last bit transmitted. The bits in this register are
double buffered so that register writes do not need to be synchronized to
SONET/SDH frame boundaries. The insertion of a new APS code value is
initiated by a write to this register. The contents of this register, and the TLOP
Transmit K2 Register are inserted in the SONET/SDH stream starting at the
next frame boundary. Successive writes to this register must be spaced at
least two frames (250 µs) apart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com