Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 298 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 298 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 294Page - PMC-Sierra, Inc PM5313 Datasheet HTML 295Page - PMC-Sierra, Inc PM5313 Datasheet HTML 296Page - PMC-Sierra, Inc PM5313 Datasheet HTML 297Page - PMC-Sierra, Inc PM5313 Datasheet HTML 298Page - PMC-Sierra, Inc PM5313 Datasheet HTML 299Page - PMC-Sierra, Inc PM5313 Datasheet HTML 300Page - PMC-Sierra, Inc PM5313 Datasheet HTML 301Page - PMC-Sierra, Inc PM5313 Datasheet HTML 302Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
266
Register 00B4H: TSOP Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
DS
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
DC1
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
LAIS
0
Reserved
The Reserved bits must be set low for proper operation of the SPECTRA-622.
LAIS:
The LAIS bit controls the insertion of line alarm indication signal (AIS). When
LAIS is set high, the TSOP inserts line AIS into the transmit stream. Activation
or deactivation of line AIS insertion is synchronized to frame boundaries.
DC1:
The DC1 bit controls the overwriting of the identity bytes (J0/Z0). When DC1
is logic one, the values inserted by the TTOC during the J0/Z0 byte positions
are passed through the transmit section overhead processor unaltered. Note
that all 11 (STS-12/STM-4) identification bytes are passed through unaltered.
When DC1 is logic zero, the identity bytes are programmed as specified in the
North American references: STS-1 (STM-0) #1 J0 = 01H, STS-1 (STM-0) #2
Z0 = 02H, and STS-1 (STM-0) #N Z0 = N decimal. Setting this bit to one can
generate long strings of zeros ( > 88 bits) on the output stream depending on
the TTOC programming.
DS:
The disable scrambling (DS) bit controls the scrambling of the transmit
stream. When a logic one is written to the DS bit position, the scrambler is
disabled. When a logic zero is written to the DS bit position, the scrambler is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com