Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 300 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 300 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 296Page - PMC-Sierra, Inc PM5313 Datasheet HTML 297Page - PMC-Sierra, Inc PM5313 Datasheet HTML 298Page - PMC-Sierra, Inc PM5313 Datasheet HTML 299Page - PMC-Sierra, Inc PM5313 Datasheet HTML 300Page - PMC-Sierra, Inc PM5313 Datasheet HTML 301Page - PMC-Sierra, Inc PM5313 Datasheet HTML 302Page - PMC-Sierra, Inc PM5313 Datasheet HTML 303Page - PMC-Sierra, Inc PM5313 Datasheet HTML 304Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
268
Register 00B8H: TLOP Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
APSREG
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
LRDI
0
Reserved:
The Reserved bits must be set low for proper operation of SPECTRA-622.
LRDI:
The LRDI bit controls the insertion of transmit line remote defect indication
(RDI). When LRDI is a logic one, line RDI is inserted into the transmit stream.
Line RDI is inserted by transmitting the code 110 in bit positions 6, 7, and 8 of
the K2 byte. Line RDI may also be inserted using the TLRDI input (when the
ring control ports are disabled) or using the transmit ring control port (when it
is enabled). When LRDI is logic zero, bit 6, 7, and 8 of the K2 byte are not
modified by the transmit line overhead processor.
Line RDI may also be inserted into the transmit stream, when receive line AIS
is detected, by setting LAISINS bit to high in the SPECTRA-622 Line RDI
Control register. Setting of this register bit is also required for line RDI
insertion via the transmit ring control port.
APSREG:
The APSREG bit selects the source for the transmit APS channel. When
APSREG is a logic zero, the transmit APS channel is inserted by the TTOC
block from the bit serial input TOH which is shifted in on the rising edge of
TOHCLK. When APSREG is a logic one, the transmit APS channel is inserted
from the TLOP Transmit K1 Register and the TLOP Transmit K2 Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com