Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 297 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 297 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 293Page - PMC-Sierra, Inc PM5313 Datasheet HTML 294Page - PMC-Sierra, Inc PM5313 Datasheet HTML 295Page - PMC-Sierra, Inc PM5313 Datasheet HTML 296Page - PMC-Sierra, Inc PM5313 Datasheet HTML 297Page - PMC-Sierra, Inc PM5313 Datasheet HTML 298Page - PMC-Sierra, Inc PM5313 Datasheet HTML 299Page - PMC-Sierra, Inc PM5313 Datasheet HTML 300Page - PMC-Sierra, Inc PM5313 Datasheet HTML 301Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
265
Register 00B1H: CSPI Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R
ROOLV
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R/W
ROOLE
0
The Status register is provided to determine the status of the CSU-622 clock
synthesizer.
ROOLE:
The ROOLE bit enables the reference out of lock indication interrupt. When
ROOLE is set high, an interrupt is generated upon assertion and negation
events of the ROOL output and the ROOLV register. When ROOLE is set low,
changes in the ROOL status do not generate an interrupt.
ROOLV:
The transmit reference out of lock status indicates the clock synthesis phase
lock loop is unable to lock to the reference clock on REFCLK. ROOLV is a
logic one if the divided down synthesized clock frequency is not within
488ppm of the REFCLK frequency. At startup, ROOLV may remain high for
several hundred millisecond while the PLL obtains lock. The CSU tracks slow
rate changes in REFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com