Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 294 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 294 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 290Page - PMC-Sierra, Inc PM5313 Datasheet HTML 291Page - PMC-Sierra, Inc PM5313 Datasheet HTML 292Page - PMC-Sierra, Inc PM5313 Datasheet HTML 293Page - PMC-Sierra, Inc PM5313 Datasheet HTML 294Page - PMC-Sierra, Inc PM5313 Datasheet HTML 295Page - PMC-Sierra, Inc PM5313 Datasheet HTML 296Page - PMC-Sierra, Inc PM5313 Datasheet HTML 297Page - PMC-Sierra, Inc PM5313 Datasheet HTML 298Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
262
Register 00A7H: DROP Bus DLL Control Status
Bit
Type
Function
Default
Bit 7
R
Reserved
0
Bit 6
R
Reserved
0
Bit 5
R
ERRORI
X
Bit 4
R
CHANGEI
X
Bit 3
Unused
X
Bit 2
R
ERROR
0
Bit 1
R
CHANGE
0
Bit 0
R
RUN
0
The DLL Control Status Register provides information of the DLL operation.
RUN:
The DLL lock status register bit RUN indicates the DLL has found a delay line
tap in which the DROP interface timings will be met at 77.76 Mhz interface
mode. After system reset, RUN is logic zero until the phase detector indicates
an initial lock condition. When the phase detector indicates lock, RUN is set to
logic 1. The RUN register bit is cleared only by a system reset or a software
reset (writing to register 00A6H).
CHANGE:
The delay line tap change register bit CHANGE indicates the DLL has moved
to a new delay line tap. CHANGE is set high for eight DCK cycles when the
DLL moves to a new delay line tap. A fixed value of 1 indicates that the DLL
has not locked to a frequency and should be reset.
ERROR:
The delay line error register bit (ERROR) indicates the DLL has run out of
dynamic range. When the DLL attempts to move beyond the end of the delay
line, ERROR is set high. ERROR is set low, when the DLL captures lock
again. The DLL should be reset by writing to register 00A6H if the ERROR
condition presist.
CHANGEI:
The delay line tap change event register bit (CHANGEI) indicates the
CHANGE register bit has changed value. When the CHANGE register
changes from a logic zero to a logic one, the CHANGEI register bit is set to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com