Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 292 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 292 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 288Page - PMC-Sierra, Inc PM5313 Datasheet HTML 289Page - PMC-Sierra, Inc PM5313 Datasheet HTML 290Page - PMC-Sierra, Inc PM5313 Datasheet HTML 291Page - PMC-Sierra, Inc PM5313 Datasheet HTML 292Page - PMC-Sierra, Inc PM5313 Datasheet HTML 293Page - PMC-Sierra, Inc PM5313 Datasheet HTML 294Page - PMC-Sierra, Inc PM5313 Datasheet HTML 295Page - PMC-Sierra, Inc PM5313 Datasheet HTML 296Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
260
Bit
Type
Function
Default
Bit 4
R/W
OVERRIDE
0
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
0
Bit 0
R/W
0
The DLL Configuration Register controls the basic operation of the DLL.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
OVERRIDE:
The override control (OVERRIDE) disables the DLL operation. When
OVERRIDE is set low, the DROP bus clock (DCK) is processed by the DLL
before clocking the DROP interface logic. The DLL must not be overridden
(set low) in 77.76 MHz DROP interface mode if the specified propagation
delays are to be met for the interface. When OVERRIDE is set high, the
DROP bus clock (DCK) is not processed by the DLL before clocking the
DROP interface logic. The DLL must be overridden (set high) in 19.44 MHz
DROP interface mode if the specified propagation delays are to be met for the
interface. The DLL does not function at 19.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com