Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 288 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 288 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 284Page - PMC-Sierra, Inc PM5313 Datasheet HTML 285Page - PMC-Sierra, Inc PM5313 Datasheet HTML 286Page - PMC-Sierra, Inc PM5313 Datasheet HTML 287Page - PMC-Sierra, Inc PM5313 Datasheet HTML 288Page - PMC-Sierra, Inc PM5313 Datasheet HTML 289Page - PMC-Sierra, Inc PM5313 Datasheet HTML 290Page - PMC-Sierra, Inc PM5313 Datasheet HTML 291Page - PMC-Sierra, Inc PM5313 Datasheet HTML 292Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
256
ROHSEL[1:0]
Contents
ROHCLK
00
Section Order Wire (E1)
Nominal 64 kHz
01
Section User Channel
(F1)
Nominal 64 kHz
10
Line Order Wire (E2)
Nominal 64 kHz
11
APS Bytes (K1/K2)
Nominal 128 kHz
ROH_TS:
The register bit can be used to control the tri-stating of the ROH, RFPO and
ROHCLK outputs. Setting ROH_TS to logic one tri-states the outputs. Setting
this bit to logic zero allows normal functioning. The bit defaults to logic one so
that ROH, RFPO and ROHCLK would be tri-stated after reset.
RX_GAPSEL:
The Receive Gap Select (RX_GAPSEL) bit controls the clocking mode for the
RSOW, RLOW, RSUC, ROH, RSLD and RLD serial outputs. Setting this bit to
logic 0 selects the serial streams to be output with smooth and continuous
clocks (ROWCLK, ROHCLK, RSLDCLK and RLDCLK). The RTOHFP may
also sampled by these clocks to identify the MSB of each serial stream.
Setting this bit to logic one selects a gapped serial output. Gap detection is
needed to identify the start of a new overhead on each serial stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com