Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 285 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 285 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 281Page - PMC-Sierra, Inc PM5313 Datasheet HTML 282Page - PMC-Sierra, Inc PM5313 Datasheet HTML 283Page - PMC-Sierra, Inc PM5313 Datasheet HTML 284Page - PMC-Sierra, Inc PM5313 Datasheet HTML 285Page - PMC-Sierra, Inc PM5313 Datasheet HTML 286Page - PMC-Sierra, Inc PM5313 Datasheet HTML 287Page - PMC-Sierra, Inc PM5313 Datasheet HTML 288Page - PMC-Sierra, Inc PM5313 Datasheet HTML 289Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
253
Register 008BH: WANS Phase Counter Period LSB
Bit
Type
Function
Default
Bit 7
R/W
PHCNTPER[7]
0
Bit 6
R/W
PHCNTPER[6]
0
Bit 5
R/W
PHCNTPER[5]
0
Bit 4
R/W
PHCNTPER[4]
0
Bit 3
R/W
PHCNTPER[3]
0
Bit 2
R/W
PHCNTPER[2]
0
Bit 1
R/W
PHCNTPER[1]
0
Bit 0
R/W
PHCNTPER[0]
0
Register 008CH: WANS Phase Counter Period MSB
Bit
Type
Function
Default
Bit 7
R/W
PHCNTPER[15]
0
Bit 6
R/W
PHCNTPER[14]
0
Bit 5
R/W
PHCNTPER[13]
0
Bit 4
R/W
PHCNTPER[12]
0
Bit 3
R/W
PHCNTPER[11]
0
Bit 2
R/W
PHCNTPER[10]
0
Bit 1
R/W
PHCNTPER[9]
0
Bit 0
R/W
PHCNTPER[8]
0
PHCNTPER[15:0]:
The Phase Counter Period (PHCNTPER15:0]) bits are used to program the
Phase Counter period of the Phase Detector. These bits are used to set the
end of count of the Phase Counter. The Phase Counter is reset on the next
clock cycle following the detection of its end of count. The Phase Counter
count (Nphcnt) is equal to the PHCNTPER value plus 1.
Nphcnt = PHCNTPER + 1
For the system to operate properly, Nphcnt need to be greater than 1023.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com