Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 281 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 281 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 277Page - PMC-Sierra, Inc PM5313 Datasheet HTML 278Page - PMC-Sierra, Inc PM5313 Datasheet HTML 279Page - PMC-Sierra, Inc PM5313 Datasheet HTML 280Page - PMC-Sierra, Inc PM5313 Datasheet HTML 281Page - PMC-Sierra, Inc PM5313 Datasheet HTML 282Page - PMC-Sierra, Inc PM5313 Datasheet HTML 283Page - PMC-Sierra, Inc PM5313 Datasheet HTML 284Page - PMC-Sierra, Inc PM5313 Datasheet HTML 285Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
249
Register 0081H: WANS Interrupt and Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
RPHALGN
X
Bit 0
R
TIMI
X
TIMI:
The Timer Interrupt (TIMI) bit indicates a Timer Interrupt condition. This bit will
be raised at the end of the Phase Detector averaging period. In addition of
indicating the interrupt status, this bit can also be polled to implement
synchronization of read access to WANS output register. The propagation of
the TIMI condition to the interrupt pin INTB can be masked using the TIME bit
of the configuration register. A read access to the Interrupt & Status Register
resets the value of this bit.
RPHALGN:
The Reference Phase Alignment (RPHALNG) bit indicates a Reference
Phase Alignment event. In normal operating mode, this bit remains to logic 0.
Upon the occurrence of a Reference Phase Alignment, this bit is set to logic
one, indicating that the phase averaging process was aborted and that the
value of the Phase Word register is frozen to the previous valid value. This bit
is reset to logic 0 after the completion of a valid phase averaging cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com