Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 280 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 280 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 276Page - PMC-Sierra, Inc PM5313 Datasheet HTML 277Page - PMC-Sierra, Inc PM5313 Datasheet HTML 278Page - PMC-Sierra, Inc PM5313 Datasheet HTML 279Page - PMC-Sierra, Inc PM5313 Datasheet HTML 280Page - PMC-Sierra, Inc PM5313 Datasheet HTML 281Page - PMC-Sierra, Inc PM5313 Datasheet HTML 282Page - PMC-Sierra, Inc PM5313 Datasheet HTML 283Page - PMC-Sierra, Inc PM5313 Datasheet HTML 284Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
248
Register 0080H: WANS Configuration
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
FORCEREAC
0
Bit 2
R/W
AUTOREAC
0
Bit 1
R/W
TIME
0
Bit 0
R/W
PHACOMPEN
0
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PHACOMPEN:
The Phase Comparison Enable (PHACOMPEN) bit is used to enable the
phase comparison process. Setting this bit to a logic 1 will enable the phase
comparison process. When set to logic 0, the phase and reference period
counters are kept in reset state, further disabling the PLL process
TIME:
The Timer Interrupt Enable (TIME) bit controls the generation of the interrupt
signal. When set to logic 1, this bit allows the generation of an interrupt signal
at the end of the Phase Detector averaging period. Setting this bit to logic 0
disable the generation of the interrupts but not the TIMI bit itself.
AUTOREAC:
The Auto Reacquisition Mode Select (AUTOREAC) bit can be used to set the
WANS to automatic phase reacquisition mode. When operating in this mode,
the WANS will automatically align the phase sampling point toward the middle
of the Phase Counter period upon detection of two consecutive Phase
Sample located on each side of the Phase Counter wrap around value.
Setting this bit to logic enables the automatic reacquisition mode.
FORCEREAC:
The Force Phase Reacquisition (FORCEREAC) bit can be used to force a
phase reacquisition of the Phase Detector. A logic 0 to logic 1 transition on
this bit triggers a phase reacquisition sequence of the Phase Detector. Setting
this bit to logic 0 allows the Phase detector to operate normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com