Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 279 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 279 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 275Page - PMC-Sierra, Inc PM5313 Datasheet HTML 276Page - PMC-Sierra, Inc PM5313 Datasheet HTML 277Page - PMC-Sierra, Inc PM5313 Datasheet HTML 278Page - PMC-Sierra, Inc PM5313 Datasheet HTML 279Page - PMC-Sierra, Inc PM5313 Datasheet HTML 280Page - PMC-Sierra, Inc PM5313 Datasheet HTML 281Page - PMC-Sierra, Inc PM5313 Datasheet HTML 282Page - PMC-Sierra, Inc PM5313 Datasheet HTML 283Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
247
Register 0077H: RASE Receive Z1/S1
Bit
Type
Function
Default
Bit 7
R
Z1/S1[7]
X
Bit 6
R
Z1/S1[6]
X
Bit 5
R
Z1/S1[5]
X
Bit 4
R
Z1/S1[4]
X
Bit 3
R
Z1/S1[3]
X
Bit 2
R
Z1/S1[2]
X
Bit 1
R
Z1/S1[1]
X
Bit 0
R
Z1/S1[0]
X
Z1/S1[3:0]:
The lower nibble of the first Z1/S1 byte contained in the receive stream is
extracted into this register. The Z1/S1 byte is used to carry synchronization
status messages between line terminating network elements. Z1/S1[3] is the
most significant bit corresponding to bit 5, the first bit received. Z1/S1[0] is the
least significant bit, corresponding to bit 8, the last bit received. An interrupt
may be generated when a byte value is received that differs from the value
extracted in the previous frame (using the Z1/S1E bit in the RASE Interrupt
Enable Register). In addition, debouncing can be performed where the
register is not loaded until eight of the same consecutive nibbles are received.
Debouncing is controlled using the Z1/S1_CAP bit in the RASE
Configuration/Control register.
Z1/S1[7:4]:
The upper nibble of the first Z1/S1 byte contained in the receive stream is
extracted into this register. No interrupt is asserted on the change of this
nibble. In addition, when the Z1/S1_CAP3 bit in the RASE
Configuration/Control register selects debouncing, the upper nibble is only
updated when three of the same consecutive lower nibbles are received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com