Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 283 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 283 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 279Page - PMC-Sierra, Inc PM5313 Datasheet HTML 280Page - PMC-Sierra, Inc PM5313 Datasheet HTML 281Page - PMC-Sierra, Inc PM5313 Datasheet HTML 282Page - PMC-Sierra, Inc PM5313 Datasheet HTML 283Page - PMC-Sierra, Inc PM5313 Datasheet HTML 284Page - PMC-Sierra, Inc PM5313 Datasheet HTML 285Page - PMC-Sierra, Inc PM5313 Datasheet HTML 286Page - PMC-Sierra, Inc PM5313 Datasheet HTML 287Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
251
Register 0085H: WANS Phase Word MSB
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
PHAWORD[30]
X
Bit 5
R
PHAWORD[29]
X
Bit 4
R
PHAWORD[28]
X
Bit 3
R
PHAWORD[27]
X
Bit 2
R
PHAWORD[26]
X
Bit 1
R
PHAWORD[25]
X
Bit 0
R
PHAWORD[24]
X
PHAWORD[30:0]:
The Phase Word (PHAWORD[30:0]) bits are the output bus of the Phase
Detector. This bus outputs the result of the Phase Count Averaging function.
Depending on the number of samples included in the averaging, from 0 to 15
of the LSB(s) of the PHAWORD bus may represent the fractional part of the
average value while the 16 following bits hold the integer part. This value can
be used to externally implement in software the PLL filtering function and
bypass the Digital Loop Filter block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com