Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 287 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 287 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 283Page - PMC-Sierra, Inc PM5313 Datasheet HTML 284Page - PMC-Sierra, Inc PM5313 Datasheet HTML 285Page - PMC-Sierra, Inc PM5313 Datasheet HTML 286Page - PMC-Sierra, Inc PM5313 Datasheet HTML 287Page - PMC-Sierra, Inc PM5313 Datasheet HTML 288Page - PMC-Sierra, Inc PM5313 Datasheet HTML 289Page - PMC-Sierra, Inc PM5313 Datasheet HTML 290Page - PMC-Sierra, Inc PM5313 Datasheet HTML 291Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
255
Register 0090H: RTOC Overhead Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
X
Bit 6
R/W
RX_GAPSEL
0
Bit 5
R/W
ROH_TS
1
Bit 4
R/W
ROH_SEL[1]
0
Bit 3
R/W
ROH_SEL[0]
0
Bit 2
R/W
RLD_TS
1
Bit 1
R/W
RSLD_TS
1
Bit 0
R/W
RSLDSEL
0
The RTOC Control Register is used to control the receive section and line
overhead outputs of the SPECTRA-622.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
RSLDSEL:
The receive data section or line select (RSLDSEL) bit determines the
contents of the outgoing RSLD stream. When RSLDSEL is low, the RSLD
stream contains the section DCC (D1-D3). When RSLDSEL is high, the RSLD
stream contains the line DCC (D4-D12).
RSLD_TS:
The register bit can be used to control the tri-stating of the RSLD and
RSLDCLK outputs. Setting RSLD_TS to logic one tri-states the outputs.
Setting this bit to logic zero allows normal functioning. RSLD_TS defaults to
logic one so that RSLD and RSLDCLK would be tri-stated after reset.
RLD_TS:
The register bit can be used to control the tri-stating of the RLD and RLDCLK
outputs. Setting RLD_TS to logic one tri-states the outputs. Setting this bit to
logic zero allows normal functioning. RSLD_TS defaults to logic one so that
RLD and RLDCLK would be tri-stated after reset.
ROHSEL[1:0]:
The receive overhead select (ROHSEL[1:0]) bus determines the contents of
the out going ROH stream and the frequency of the ROHCLK. The decoded
ROHSEL settings are listed below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com