Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 289 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 289 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 285Page - PMC-Sierra, Inc PM5313 Datasheet HTML 286Page - PMC-Sierra, Inc PM5313 Datasheet HTML 287Page - PMC-Sierra, Inc PM5313 Datasheet HTML 288Page - PMC-Sierra, Inc PM5313 Datasheet HTML 289Page - PMC-Sierra, Inc PM5313 Datasheet HTML 290Page - PMC-Sierra, Inc PM5313 Datasheet HTML 291Page - PMC-Sierra, Inc PM5313 Datasheet HTML 292Page - PMC-Sierra, Inc PM5313 Datasheet HTML 293Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
257
Register 0091H: RTOC AIS Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
LINE_AISEN(2)
0
Bit 4
R/W
LINE_AISEN(1)
0
Bit 3
R/W
LINE_AISEN(0)
0
Bit 2
R/W
SECT_AISEN(2)
0
Bit 1
R/W
SECT_AISEN(1)
0
Bit 0
R/W
SECT_AISEN(0)
0
The RTOC AIS Control Register is provided to explicitly force the receive section
and line overhead outputs.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
SECT_AISEN(2:0):
The SECT_AISEN(2:0) bits enable the explicit insertion of all ones on RSOW,
RSUC, ROH, RSLD when carrying section DCC and the section overhead on
RTOH. Each bit enables a separate group of alarms to force the section
overhead outputs to all ones. Setting a bit to logic one enables a declared
alarm in that bit’s group to force the output section overhead to all ones.
Alarms in that group will not explicitly force the section overhead outputs to all
ones when the bit is set to logic low.
SECT_AIS_EN
Grouped Alarms
[0]
LOS & LOF
[1]
LAIS
[2]
RTIM
LINE_AISEN(:0):
The LINE_AISEN(2:0) bits enable the explicit insertion of all ones on RLOW,
RLD, ROH and RSLD when carrying line overhead and the line overhead on
RTOH. Each bit enables a separate group of alarms to force the line
overhead outputs to all ones. Setting a bit to logic one enables a declared
alarm in that bit’s group to force the output line overhead to all ones. Alarms in
that group will not explicitly force the line overhead outputs to all ones when
the bit is set to logic low. Other SPECTRA-622 top level bits may control the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com