Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 313 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 313 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 309Page - PMC-Sierra, Inc PM5313 Datasheet HTML 310Page - PMC-Sierra, Inc PM5313 Datasheet HTML 311Page - PMC-Sierra, Inc PM5313 Datasheet HTML 312Page - PMC-Sierra, Inc PM5313 Datasheet HTML 313Page - PMC-Sierra, Inc PM5313 Datasheet HTML 314Page - PMC-Sierra, Inc PM5313 Datasheet HTML 315Page - PMC-Sierra, Inc PM5313 Datasheet HTML 316Page - PMC-Sierra, Inc PM5313 Datasheet HTML 317Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
281
Register 0102H: SPECTRA-622 RPPS Path and DS3 Configuration
Bit
Type
Function
Default
Bit 7
R/W
ENDV1
0
Bit 6
R/W
MONRS
0
Bit 5
R/W
ALMJ1V1
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
DS3_SEL52
0
This register allows the operational mode of the SPECTRA-622 RPPS Path and
DS3 functions to be configured. These register bits should normally be set low
when the RPPS is configured as a slave unless indicated otherwise.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
DS3_SEL52:
The DS3 select 52 clock (DS3_SEL52) bit selects the desynchronizer source
clock used by the D3MD block. When DS3_SEL52 is set low, the DS3RICLK
input are used as the D3MD source clock. When DS3_SEL52 is set high, an
internal 51.84 MHz recovered line clock is used as the D3MD source clock.
The REFCLK signal is required to use the recovered line clock.
ALMJ1V1:
When set high, the ALMJ1V1 bit disables the realignment of the Telecombus
DROP side J1 and V1 indication on DC1J1V1 when the RPOP block is in the
LOP or PAIS state. The J1 and V1 pulses will flywheel at their previous
position prior to entry to the LOP or PAIS state.
MONRS:
When set high, the MONRS selects the receive side pointer justification
events counters to monitor the receive stream directly. When MONRS is set
low, the counters accumulate pointer justification events on the DROP bus.
ENDV1:
When set low, the ENDV1 bit configures the DC1J1V1 output to mark only the
frame and synchronous payload envelope (virtual container) alignments (C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com