Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 315 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 315 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 311Page - PMC-Sierra, Inc PM5313 Datasheet HTML 312Page - PMC-Sierra, Inc PM5313 Datasheet HTML 313Page - PMC-Sierra, Inc PM5313 Datasheet HTML 314Page - PMC-Sierra, Inc PM5313 Datasheet HTML 315Page - PMC-Sierra, Inc PM5313 Datasheet HTML 316Page - PMC-Sierra, Inc PM5313 Datasheet HTML 317Page - PMC-Sierra, Inc PM5313 Datasheet HTML 318Page - PMC-Sierra, Inc PM5313 Datasheet HTML 319Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
283
Register 0110H: SPECTRA-622 RPPS Path/DS3 AIS Control #1
Bit
Type
Function
Default
Bit 7
R/W
LOMTUAIS
0
Bit 6
R/W
ALMAIS
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
LOPAIS
0
Bit 2
R/W
PAISAIS
0
Bit 1
R/W
LOPCONPAIS
0
Bit 0
R/W
PAISCONPAIS
0
This register along with the SPECTRA-622 RPPS Receive Path/DS3 AIS Control
#2 register controls the auto assertion of path AIS and DS3 AIS on the DROP
bus. These register bits should normally be set low when the RPPS is configured
as a slave unless indicated otherwise.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PAISCONPAIS:
When set high, the PAISCONPAIS bit enables path AIS insertion on the
DROP bus when Path AIS concatenation (PAISCON) events are detected.
When PAISCONPAIS is set low, Path AIS concatenation events have no
effect on the DROP bus.
NOTE: This register bit should only be used when the RPPS is configured as
a slave. Otherwise, it should normally be set low. The register bit will also
force the associated master and slave RPPS’s to insert path AIS.
LOPCONPAIS:
When set high, the LOPCONPAIS bit enables path AIS insertion on the DROP
bus when loss of pointer concatenation (LOPCON) events are detected.
When LOPCONPAIS is set low, loss of pointer concatenation events have no
effect on the DROP bus.
NOTE: This register bit should only be used when the RPPS is configured as
a slave. Otherwise, it should normally be set low. The register bit will also
force the associated master and slave RPPS’s to insert path AIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com