Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 346 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 346 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 342Page - PMC-Sierra, Inc PM5313 Datasheet HTML 343Page - PMC-Sierra, Inc PM5313 Datasheet HTML 344Page - PMC-Sierra, Inc PM5313 Datasheet HTML 345Page - PMC-Sierra, Inc PM5313 Datasheet HTML 346Page - PMC-Sierra, Inc PM5313 Datasheet HTML 347Page - PMC-Sierra, Inc PM5313 Datasheet HTML 348Page - PMC-Sierra, Inc PM5313 Datasheet HTML 349Page - PMC-Sierra, Inc PM5313 Datasheet HTML 350Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
314
Register 0151H: RPOP Alarm Interrupt Status (EXTD=0)
Bit
Type
Function
Default
Bit 7
R
Reserved
X
Bit 6
R
AU3LOPCONI
X
Bit 5
R
LOPI
X
Bit 4
R
AU3PAISCONI
X
Bit 3
R
PAISI
X
Bit 2
R
PRDII
X
Bit 1
R
BIPEI
X
Bit 0
R
PREII
X
This register allows identification and acknowledgment of path level alarm and
error event interrupts when the EXTD bit is set low in the RPOP Pointer MSB
register.
These bits (and the interrupt) are cleared when this register is read.
Reserved:
The Reserved bit is an interrupt status bit and must be ignored when this
register is read.
PREII
The PREI interrupt status bit (PREII) is set high when a path REI is detected.
BIPEI:
The BIP error interrupt status bit (BIPEI) is set high when a path BIP-8 error is
detected.
PRDII:
The PRDII interrupt status bit is set high on assertion and removal of the
corresponding path remote defect indication status.
PAISI:
The PAISI interrupt status bit is set high on assertion and removal of the
corresponding path alarm indication signal status.
AU3PAISCONI:
The AU3PAISCONI interrupt status bit is set high on assertion and removal of
the corresponding AU3 path alarm indication signal concatenation status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com