Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 343 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 343 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 339Page - PMC-Sierra, Inc PM5313 Datasheet HTML 340Page - PMC-Sierra, Inc PM5313 Datasheet HTML 341Page - PMC-Sierra, Inc PM5313 Datasheet HTML 342Page - PMC-Sierra, Inc PM5313 Datasheet HTML 343Page - PMC-Sierra, Inc PM5313 Datasheet HTML 344Page - PMC-Sierra, Inc PM5313 Datasheet HTML 345Page - PMC-Sierra, Inc PM5313 Datasheet HTML 346Page - PMC-Sierra, Inc PM5313 Datasheet HTML 347Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
311
Register 0150H: RPOP Status and Control (EXTD=0)
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R
AU3LOPCONV
X
Bit 5
R
LOPV
X
Bit 4
R
AU3PAISCONV
X
Bit 3
R
PAISV
X
Bit 2
R
PRDIV
X
Bit 1
R
NEWPTRI
X
Bit 0
R/W
NEWPTRE
0
This register provides configuration and reports the status of the corresponding
RPOP if the EXTD bit is set low in the RPOP Pointer MSB register.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
NEWPTRE:
When a 1 is written to the NEWPTRE interrupt enable bit position, the
reception of a new_point indication will activate the interrupt (INT) output.
NEWPTRI:
The NEWPTRI bit is set to logic 1 when a new_point indication is received.
This bit (and the interrupt) are cleared when this register is read.
PRDIV:
The path RDI status bit (PRDI) indicates reception of path RDI alarm in the
receive stream.
PAISV:
The path AIS status bit (PAISV) indicates reception of path AIS alarm in the
receive stream.
AU3PAISCONV:
The AU3 concatenation path AIS status bit (AU3PAISCONV) indicates
reception of path AIS alarm in the concatenation indication in the receive
STS-1 (STM-0/AU3) or equivalent stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com