Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 340 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 340 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 336Page - PMC-Sierra, Inc PM5313 Datasheet HTML 337Page - PMC-Sierra, Inc PM5313 Datasheet HTML 338Page - PMC-Sierra, Inc PM5313 Datasheet HTML 339Page - PMC-Sierra, Inc PM5313 Datasheet HTML 340Page - PMC-Sierra, Inc PM5313 Datasheet HTML 341Page - PMC-Sierra, Inc PM5313 Datasheet HTML 342Page - PMC-Sierra, Inc PM5313 Datasheet HTML 343Page - PMC-Sierra, Inc PM5313 Datasheet HTML 344Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
308
Register 0131H: SPECTRA-622 RPPS Auxiliary Path Interrupt Status #2
Bit
Type
Function
Default
Bit 7
R/W
LOPCONI
X
Bit 6
R/W
PAISCONI
X
Bit 5
R/W
Reserved
X
Bit 4
R/W
Reserved
X
Bit 3
R/W
TIU2I
X
Bit 2
R/W
Reserved
X
Bit 1
R/W
Reserved
X
Bit 0
R/W
PERDII
X
This register, along with the SPECTRA-622 RPPS Auxiliary Path Interrupt Status
#1 register, replicates the path interrupts that can be found in the RPOP and the
SPTB registers. However, unlike the RPOP and the SPTB interrupt register bits
that clear on reads, these register bits do not clear when read. To clear these
registers bits, a logic one must be written to the register bit.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PERDII:
The path enhanced remote defect indication interrupt (PERDII) bits are set
high when the RPOP detects a change in the path enhanced remote defect
state.
TIU2I:
The path trace identifier unstable mode 2 interrupt status bit (TIU2I) is set
high on changes in the path trace identifier unstable status for mode 2
operation.
PAISCONI:
The path AIS concatenation interrupt (PAISCONI) bit is set high when there is
a change of the path AIS concatenation state. This auxiliary interrupt status
corresponds to the AU3PAISCONI status in the RPOP Alarm Interrupt Status
register.
LOPCONI:
The loss of pointer concatenation interrupt (LOPCONI) bit is set high when
there is a change of the pointer concatenation state. This auxiliary interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com