Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 338 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 338 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 334Page - PMC-Sierra, Inc PM5313 Datasheet HTML 335Page - PMC-Sierra, Inc PM5313 Datasheet HTML 336Page - PMC-Sierra, Inc PM5313 Datasheet HTML 337Page - PMC-Sierra, Inc PM5313 Datasheet HTML 338Page - PMC-Sierra, Inc PM5313 Datasheet HTML 339Page - PMC-Sierra, Inc PM5313 Datasheet HTML 340Page - PMC-Sierra, Inc PM5313 Datasheet HTML 341Page - PMC-Sierra, Inc PM5313 Datasheet HTML 342Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
306
Register 0130H: SPECTRA-622 RPPS Auxiliary Path Interrupt Status #1
Bit
Type
Function
Default
Bit 7
R/W
PRDII
X
Bit 6
R/W
PAISI
X
Bit 5
R/W
PSLUI
X
Bit 4
R/W
PSLMI
X
Bit 3
R/W
LOPI
X
Bit 2
R/W
LOMI
X
Bit 1
R/W
TIUI
X
Bit 0
R/W
TIMI
X
This register, along with the SPECTRA-622 RPPS Auxiliary Path Interrupt Status
#2 register, replicates the path interrupts that can be found in the RPOP and the
SPTB registers. However, unlike the RPOP and the SPTB interrupt register bits
that clear on reads, these register bits do not clear when read. To clear these
registers bits, a logic one must be written to the register bit.
TIMI:
The path trace identifier mismatch interrupt status bit (TIMI) is set high on
changes in the path trace identifier mismatch status.
TIUI:
The path trace identifier (mode 1) unstable interrupt status bit (TIUI) is set
high on changes in the path trace identifier (mode 1) unstable status (TIU).
LOMI:
The loss of multiframe interrupt status bit (LOMI) is set high on changes in the
loss of multiframe status.
LOPI:
The loss of pointer interrupt status bit (LOPI) is set high on the change of loss
of pointer status.
PSLMI:
The path signal label mismatch interrupt status bit (PSLMI) is set high on
changes in the path signal label mismatch status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com