Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 334 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 334 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 330Page - PMC-Sierra, Inc PM5313 Datasheet HTML 331Page - PMC-Sierra, Inc PM5313 Datasheet HTML 332Page - PMC-Sierra, Inc PM5313 Datasheet HTML 333Page - PMC-Sierra, Inc PM5313 Datasheet HTML 334Page - PMC-Sierra, Inc PM5313 Datasheet HTML 335Page - PMC-Sierra, Inc PM5313 Datasheet HTML 336Page - PMC-Sierra, Inc PM5313 Datasheet HTML 337Page - PMC-Sierra, Inc PM5313 Datasheet HTML 338Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
302
Register 012CH: SPECTRA-622 RPPS Auxiliary Path Interrupt Enable #1
Bit
Type
Function
Default
Bit 7
R/W
PRDIE
0
Bit 6
R/W
PAISE
0
Bit 5
R/W
PSLUE
0
Bit 4
R/W
PSLME
0
Bit 3
R/W
LOPE
0
Bit 2
R/W
LOME
0
Bit 1
R/W
TIUE
0
Bit 0
R/W
TIME
0
This register controls the interrupt generation on output INTB by the
corresponding interrupt status in the SPECTRA-622 RPPS Auxiliary Path
Interrupt Status #1 register. Note, these enable bits do not affect the actual
interrupt bits found in the SPECTRA-622 RPPS Auxiliary Path Interrupt Status #1
register.
These register bits should normally be set low when the RPPS is configured as a
slave unless indicated otherwise.
TIME:
The path trace identifier (mode 1) mismatch (TIM) interrupt enable bit enables
interrupt generation on output INTB by the auxiliary TIM interrupt status.
TIUE:
The path trace identifier (mode 1) unstable (TIU) interrupt enable bit enables
interrupt generation on output INTB by the auxiliary TIU interrupt status.
LOME:
The loss of multiframe (LOM) interrupt enable bit enables interrupt generation
on output INTB by the auxiliary LOM interrupt status.
LOPE:
The loss of pointer (LOP) interrupt enable bit enables interrupt generation on
output INTB by the auxiliary LOP interrupt status.
PSLME:
The path signal label mismatch (PSLM) interrupt enable bit enables interrupt
generation on output INTB by the auxiliary PSLM interrupt status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com