Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 332 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 332 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 328Page - PMC-Sierra, Inc PM5313 Datasheet HTML 329Page - PMC-Sierra, Inc PM5313 Datasheet HTML 330Page - PMC-Sierra, Inc PM5313 Datasheet HTML 331Page - PMC-Sierra, Inc PM5313 Datasheet HTML 332Page - PMC-Sierra, Inc PM5313 Datasheet HTML 333Page - PMC-Sierra, Inc PM5313 Datasheet HTML 334Page - PMC-Sierra, Inc PM5313 Datasheet HTML 335Page - PMC-Sierra, Inc PM5313 Datasheet HTML 336Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
300
Register 0128H: SPECTRA-622 RPPS Path/DS3 Interrupt Status
Bit
Type
Function
Default
Bit 7
R
DPAIS
X
Bit 6
R
RPOPI
X
Bit 5
R
RTALI
X
Bit 4
R
SPTBI
X
Bit 3
R
D3MDI
X
Bit 2
Unused
X
Bit 1
R
DPGMI
X
Bit 0
Unused
X
This register, together with the SPECTRA-622 Section/Line Interrupt Status
register, allows the source of an active interrupt for the receive side to be
identified down to the block level. Further register accesses to the block in
question are required in order to determine each specific cause of an active
interrupt and to acknowledge each interrupt source. These register bits are not
cleared on read.
DPGMI:
The DPGMI bits are high when an interrupt request is active from the DPGM
block.
D3MDI:
The D3MDI bit is high when an interrupt request is active from the D3MD
block.
SPTBI:
The SPTBI bit is high when an interrupt request is active from the SPTB
block.
RTALI:
The RTALI bits is high when an interrupt request is active from the RTAL
block.
RPOPI:
The RPOPI bit is high when an interrupt request is active from the RPOP
block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com