Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 329 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 329 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 325Page - PMC-Sierra, Inc PM5313 Datasheet HTML 326Page - PMC-Sierra, Inc PM5313 Datasheet HTML 327Page - PMC-Sierra, Inc PM5313 Datasheet HTML 328Page - PMC-Sierra, Inc PM5313 Datasheet HTML 329Page - PMC-Sierra, Inc PM5313 Datasheet HTML 330Page - PMC-Sierra, Inc PM5313 Datasheet HTML 331Page - PMC-Sierra, Inc PM5313 Datasheet HTML 332Page - PMC-Sierra, Inc PM5313 Datasheet HTML 333Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
297
LOPRALM:
The loss of pointer (LOP) RALM output enable bit allows the corresponding
alarm to be ORed into the RALM output. When the enable bit is set high, the
corresponding alarm indication is ORed with other alarm indications and
output on RALM. When the enable bit is set low, the corresponding alarm
indication does not affect the RALM output.
PERDIRALM:
The path enhanced remote defect indication (PERDI) RALM output enable bit
allows the corresponding alarm to be ORed into the RALM output. When the
enable bit is set high, the corresponding alarm indication is ORed with other
alarm indications and output on RALM. When the enable bit is set low, the
corresponding alarm indication does not affect the RALM output.
PRDIRALM:
The path remote defect indication (PRDI) RALM output enable bit allows the
corresponding alarm to be ORed into the RALM output. When the enable bit
is set high, the corresponding alarm indication is ORed with other alarm
indications and output on RALM. When the enable bit is set low, the
corresponding alarm indication does not affect the RALM output.
ALMRALM:
The loss of signal (LOS), loss of frame (LOF) or line alarm indication signal
(LAIS) RALM output enable bit allows the corresponding alarm to be ORed
into the RALM output. When the enable bit is set high, the corresponding
alarm indication is ORed with other alarm indications and output on RALM.
When the enable bit is set low, the corresponding alarm indication does not
affect the RALM output.
LOMRALM:
The loss of multiframe (LOM) RALM output enable bit allows the
corresponding alarm to be ORed into the RALM output. When the enable bit
is set high, the corresponding alarm indication is ORed with other alarm
indications and output on RALM. When the enable bit is set low, the
corresponding alarm indication does not affect the RALM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com