Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 330 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 330 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 326Page - PMC-Sierra, Inc PM5313 Datasheet HTML 327Page - PMC-Sierra, Inc PM5313 Datasheet HTML 328Page - PMC-Sierra, Inc PM5313 Datasheet HTML 329Page - PMC-Sierra, Inc PM5313 Datasheet HTML 330Page - PMC-Sierra, Inc PM5313 Datasheet HTML 331Page - PMC-Sierra, Inc PM5313 Datasheet HTML 332Page - PMC-Sierra, Inc PM5313 Datasheet HTML 333Page - PMC-Sierra, Inc PM5313 Datasheet HTML 334Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
298
Register 011DH: SPECTRA-622 RPPS RALM Output Control #2
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
UNEQRALM
0
Bit 5
R/W
PSLURALM
0
Bit 4
R/W
PSLMRALM
0
Bit 3
R/W
Reserved
0
Bit 2
Unused
X
Bit 1
R/W
TIURALM
0
Bit 0
R/W
TIMRALM
0
This register along with SPECTRA-622 RALM Output Control #1 register controls
the receive path alarm output (RALM) signal. These register bits should normally
be set low when the RPPS is configured as a slave unless indicated otherwise.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
TIMRALM:
The path trace identifier mismatch (TIM) RALM output enable bit allows the
corresponding alarm to be ORed into the RALM output. When the enable bit
is set high, the corresponding alarm indication is ORed with other alarm
indications and output on RALM. When the enable bit is set low, the
corresponding alarm indication does not affect the RALM output.
TIURALM:
The path trace identifier (mode 1) unstable (TIU) RALM output enable bit
allows the corresponding alarm to be ORed into the RALM output. When the
enable bit is set high, the corresponding alarm indication is ORed with other
alarm indications and output on RALM. When the enable bit is set low, the
corresponding alarm indication does not affect the RALM output.
PSLMRALM:
The path signal label mismatch (PSLM) RALM output enable bit allows the
corresponding alarm to be ORed into the RALM output. When the enable bit
is set high, the corresponding alarm indication is ORed with other alarm
indications and output on RALM. When the enable bit is set low, the
corresponding alarm indication does not affect the RALM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com