Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 327 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 327 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 323Page - PMC-Sierra, Inc PM5313 Datasheet HTML 324Page - PMC-Sierra, Inc PM5313 Datasheet HTML 325Page - PMC-Sierra, Inc PM5313 Datasheet HTML 326Page - PMC-Sierra, Inc PM5313 Datasheet HTML 327Page - PMC-Sierra, Inc PM5313 Datasheet HTML 328Page - PMC-Sierra, Inc PM5313 Datasheet HTML 329Page - PMC-Sierra, Inc PM5313 Datasheet HTML 330Page - PMC-Sierra, Inc PM5313 Datasheet HTML 331Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
295
When TIUPERDI is set low, trace identifier (mode 1) unstable events have no
effect on path RDI. In addition, this bit has no effect when PERDI_EN is set
low.
PSLMPERDI:
When set high, the PSLMPERDI bit enables path enhanced RDI assertion
when path signal label mismatch (PSLM) events are detected in the receive
stream. If enabled, when the event occurs, bit 6 of the G1 byte (or the RAD
output PRDI6 bit position) is set high while bit 7 of the G1 byte (or the RAD
output PRDI7 bit position) is set low.
When PSLMPERDI is set low, path signal label mismatch events have no
effect on path RDI. In addition, this bit has no effect when PERDI_EN is set
low.
PSLUPERDI:
When set high, the PSLUPERDI bit enables path enhanced RDI assertion
when path signal label unstable (PSLU) events are detected in the receive
stream. If enabled, when the event occurs, bit 6 of the G1 byte (or the RAD
output PRDI6 bit position) is set high while bit 7 of the G1 byte (or the RAD
output PRDI7 bit position) is set low.
When PSLUPERDI is set low, path signal label unstable events have no effect
on path RDI. In addition, this bit has no effect when PERDI_EN is set low.
UNEQPERDI:
When set high, the UNEQPERDI bit enables path enhanced RDI assertion
when the path signal label in the receive stream indicates unequipped status.
If enabled, when the event occurs, bit 6 of the G1 byte (or the RAD output
PRDI6 bit position) is set high while bit 7 of the G1 byte (or the RAD output
PRDI7 bit position) is set low.
When UNEQPERDI is set low, path signal label unequipped status has no
effect on path enhanced RDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com