Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 323 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 323 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 319Page - PMC-Sierra, Inc PM5313 Datasheet HTML 320Page - PMC-Sierra, Inc PM5313 Datasheet HTML 321Page - PMC-Sierra, Inc PM5313 Datasheet HTML 322Page - PMC-Sierra, Inc PM5313 Datasheet HTML 323Page - PMC-Sierra, Inc PM5313 Datasheet HTML 324Page - PMC-Sierra, Inc PM5313 Datasheet HTML 325Page - PMC-Sierra, Inc PM5313 Datasheet HTML 326Page - PMC-Sierra, Inc PM5313 Datasheet HTML 327Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
291
Register 0118H: SPECTRA-622 RPPS Path Enhanced RDI Control #1
Bit
Type
Function
Default
Bit 7
R/W
PERDI_EN
0
Bit 6
R/W
ALMPERDI
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
LOPPERDI
0
Bit 2
R/W
PAISPERDI
0
Bit 1
R/W
LOPCONPERDI
0
Bit 0
R/W
PAISCONPERDI
0
This register along with SPECTRA-622 Path Enhanced RDI Control #2 register
controls the auto assertion of path enhanced RDI (G1 bits 5,6,7) in the local
TPOP or a mate TPOP (via the RAD PRDI5, PRDI6 and PRDI7 bit positions) of
the corresponding TPPS. These register bits should normally be set low when
the RPPS is configured as a slave unless indicated otherwise.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PAISCONPERDI:
When set high, the PAISCONPERDI bit enabled path enhanced RDI assertion
when path AIS concatenation (PAISCON) events are detected in the receive
stream. If enabled, when the event occurs, bit 6 of the G1 byte (or the RAD
output PRDI6 bit position) is set low while bit 7 of the G1 byte (or the RAD
output PRDI7 bit position) is set high. PAISCONPERDI has precedence over
PSLMPERDI, PSLUPERDI, TIUPERDI, TIU2PERDI, TIMPERDI and
UNEQERDI.
When PAISCONPERDI is set low, reporting of enhanced RDI is according to
PSLMPERDI, PSLUPERDI, TIUPERDI, TIU2PERDI, TIMPERDI and
UNEQERDI and the associated alarm states.
NOTE: This register bit should only be used when the RPPS is configured as
a slave. Otherwise, it should normally be set low.
LOPCONPERDI:
When set high, the LOPCONPERDI bit enables path enhanced RDI assertion
when loss of pointer concatenation (LOPCON) events are detected in the
receive stream. If enabled, when the event occurs, bit 6 of the G1 byte (or the
RAD output PRDI6 bit position) is set low while bit 7 of the G1 byte (or the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com