Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 320 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 320 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 316Page - PMC-Sierra, Inc PM5313 Datasheet HTML 317Page - PMC-Sierra, Inc PM5313 Datasheet HTML 318Page - PMC-Sierra, Inc PM5313 Datasheet HTML 319Page - PMC-Sierra, Inc PM5313 Datasheet HTML 320Page - PMC-Sierra, Inc PM5313 Datasheet HTML 321Page - PMC-Sierra, Inc PM5313 Datasheet HTML 322Page - PMC-Sierra, Inc PM5313 Datasheet HTML 323Page - PMC-Sierra, Inc PM5313 Datasheet HTML 324Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
288
LOPPRDI:
When set high, the LOPPRDI bit enables path RDI assertion when loss of
pointer (LOP) events are detected in the receive stream. When LOPPRDI is
set low, loss of pointer events have no effect on path RDI.
ALMPRDI:
When set high, the ALMPRDI bit enables path RDI assertion when loss of
signal (LOS), loss of frame (LOF) or line alarm indication signal (LAIS) events
are detected in the receive stream. When ALMPRDI is set low, the above
events have no effect on path RDI.
AUTOPREI:
The AUTOPREI bit enables the automatic insertion of path REI events in the
local or mate transmitter. When AUTOPREI is a logic one, receive B3 errors
detected by the SPECTRA-622 are automatically inserted in the G1 byte of
the local transmit stream (as enabled using the RXSEL[1:0] bits in the
SPECTRA-622 TPPS Configuration register). In addition, REI events are
indicated on the RAD output. When AUTOPREI is a logic zero, path REI
events are not automatically inserted in the local transmit stream. In addition,
REI events are not indicated on the RAD output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com