Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 321 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 321 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 317Page - PMC-Sierra, Inc PM5313 Datasheet HTML 318Page - PMC-Sierra, Inc PM5313 Datasheet HTML 319Page - PMC-Sierra, Inc PM5313 Datasheet HTML 320Page - PMC-Sierra, Inc PM5313 Datasheet HTML 321Page - PMC-Sierra, Inc PM5313 Datasheet HTML 322Page - PMC-Sierra, Inc PM5313 Datasheet HTML 323Page - PMC-Sierra, Inc PM5313 Datasheet HTML 324Page - PMC-Sierra, Inc PM5313 Datasheet HTML 325Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
289
Register 0115H: SPECTRA-622 RPPS Path REI/RDI Control #2
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
UNEQPRDI
0
Bit 5
R/W
PSLUPRDI
0
Bit 4
R/W
PSLMPRDI
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Unused
0
Bit 1
R/W
TIUPRDI
0
Bit 0
R/W
TIMPRDI
0
This register along with the SPECTRA-622 RPPS Path REI/RDI Control #1
register controls the auto assertion of path RDI (G1 bit 5) in the local TPOP or a
mate TPOP (via the RAD PRDI5 bit position) of the corresponding TPPS. These
register bits should normally be set low when the RPPS is configured as a slave
unless indicated otherwise.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
TIMPRDI:
When set high, the TIMPRDI bit enables path RDI assertion when path trace
identifier (mode 1) mismatch (TIM) events are detected in the receive stream.
When TIMPRDI is set low, trace identifier (mode 1) mismatch events have no
effect on path RDI.
TIUPRDI:
When set high, the TIUPRDI bit enables path RDI assertion when path trace
identifier (mode 1) unstable (TIU) events are detected in the receive stream.
When TIUPRDI is set low, trace identifier (mode 1) unstable events have no
effect on path RDI.
PSLMPRDI:
When set high, the PSLMPRDI bit enables path RDI assertion when path
signal label mismatch (PSLM) events are detected in the receive stream.
When PSLMPRDI is set low, path signal label mismatch events have no effect
on path RDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com