Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 336 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 336 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 332Page - PMC-Sierra, Inc PM5313 Datasheet HTML 333Page - PMC-Sierra, Inc PM5313 Datasheet HTML 334Page - PMC-Sierra, Inc PM5313 Datasheet HTML 335Page - PMC-Sierra, Inc PM5313 Datasheet HTML 336Page - PMC-Sierra, Inc PM5313 Datasheet HTML 337Page - PMC-Sierra, Inc PM5313 Datasheet HTML 338Page - PMC-Sierra, Inc PM5313 Datasheet HTML 339Page - PMC-Sierra, Inc PM5313 Datasheet HTML 340Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
304
Register 012DH: SPECTRA-622 RPPS Auxiliary Path Interrupt Enable #2
Bit
Type
Function
Default
Bit 7
R/W
LOPCONE
0
Bit 6
R/W
PAISCONE
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
TIU2E
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
PERDIE
0
This register controls the interrupt generation on output INTB by the
corresponding interrupt status in the SPECTRA-622 RPPS Auxiliary Path
Interrupt Status #2 register. Note, these enable bits do not affect the actual
interrupt status bits found in the SPECTRA-622 RPPS Auxiliary Path Interrupt
Status #2 register.
These register bits should normally be set low when the RPPS is configured as a
slave unless indicated otherwise.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
PERDIE:
The path enhanced remote defect indication (PERDI) interrupt enable bit
enables interrupt generation on output INTB by the auxiliary PERDI interrupt
status.
TIU2E:
The path trace identifier mode 2 unstable (TIU2) interrupt enable bit enables
interrupt generation on output INTB by the auxiliary TIU2 interrupt status.
PAISCONE:
The path alarm indication signal concatenation (PAISCON) interrupt enable
bit enables interrupt generation on output INTB by the auxiliary PAISCON
interrupt status.
NOTE: This register bit should only be used when the RPPS is configured as
a slave. Otherwise, it should normally be set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com