Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 362 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 362 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 358Page - PMC-Sierra, Inc PM5313 Datasheet HTML 359Page - PMC-Sierra, Inc PM5313 Datasheet HTML 360Page - PMC-Sierra, Inc PM5313 Datasheet HTML 361Page - PMC-Sierra, Inc PM5313 Datasheet HTML 362Page - PMC-Sierra, Inc PM5313 Datasheet HTML 363Page - PMC-Sierra, Inc PM5313 Datasheet HTML 364Page - PMC-Sierra, Inc PM5313 Datasheet HTML 365Page - PMC-Sierra, Inc PM5313 Datasheet HTML 366Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
330
Register 015CH: RPOP Tributary Multiframe Status and Control
Bit
Type
Function
Default
Bit 7
R
LOMI
X
Bit 6
R
LOMV
X
Bit 5
R/W
LOME
0
Bit 4
R/W
BLKREI
0
Bit 3
R
COMAI
X
Bit 2
R/W
COMAE
0
Bit 1
R/W
Reserved
0
Bit 0
Unused
X
This register reports the status of the multiframe framer and enables interrupts
due to framer events.
Reserved:
The Reserved bit must be set low for correct operation of the SPECTRA-622
device.
COMAE:
The change of multiframe alignment interrupt enable bit (COMAE) controls
the generation of interrupts on when the SPECTRA-622 detect a change in
the multiframe phase. When LOME is set high, an interrupt is generated upon
change of multiframe alignment. When COMAE is set low, COMA has no
effect on the interrupt output (INTB).
COMAI:
The change of multiframe alignment interrupt status bit (COMAI) is set high
on changes in the multiframe alignment. This bit is cleared (and the interrupt
acknowledged) when this register is read.
BLKREI:
When set high, the block REI bit (BLKREI) indicates that path REI counts are
to be reported and accumulated on a block basis. A single REI error is
accumulated if the received REI code is between 1 and 8 inclusive. When
BLKREI is set low, REI errors are accumulated literally.
LOME:
The loss of multiframe interrupt enable bit (LOME) controls the generation of
interrupts on declaration and removal of loss of multiframe indication (LOM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com