Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 366 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 366 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 362Page - PMC-Sierra, Inc PM5313 Datasheet HTML 363Page - PMC-Sierra, Inc PM5313 Datasheet HTML 364Page - PMC-Sierra, Inc PM5313 Datasheet HTML 365Page - PMC-Sierra, Inc PM5313 Datasheet HTML 366Page - PMC-Sierra, Inc PM5313 Datasheet HTML 367Page - PMC-Sierra, Inc PM5313 Datasheet HTML 368Page - PMC-Sierra, Inc PM5313 Datasheet HTML 369Page - PMC-Sierra, Inc PM5313 Datasheet HTML 370Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
334
Register 0174H: PMON Receive Positive Pointer Justification Count
Bit
Type
Function
Default
Bit 7
R
RPJE[7]
X
Bit 6
R
RPJE[6]
X
Bit 5
R
RPJE[5]
X
Bit 4
R
RPJE[4]
X
Bit 3
R
RPJE[3]
X
Bit 2
R
RPJE[2]
X
Bit 1
R
RPJE[1]
X
Bit 0
R
RPJE[0]
X
This register reports the number of positive pointer justification events that
occurred on the receive side in the previous accumulation interval. The counter is
selectable to accumulate positive pointer justifications in the receive stream when
the MONRS bit in the SPECTRA-622 RPPS Path/DS3 Configuration register is
set high, and to accumulate justifications on the DROP bus when MONRS is set
low.
NOTE: Writing to this register initiates a transfer of all performance monitor
counter values in the PMON’s blocks into its holding registers. This transfer can
be monitored with the TIP bit of register 0000H.
RPJE[7:0]:
Bits RPJE[7:0] represent the number of positive pointer justification events
observed on the receive stream since the RPJE register was polled by writing
to SPECTRA-622 Identity and Reset register. The write access transfers the
internally accumulated error count to the RPJE register within 7µs and
simultaneously resets the internal counter to begin a new cycle of error
accumulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com