Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 370 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 370 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 366Page - PMC-Sierra, Inc PM5313 Datasheet HTML 367Page - PMC-Sierra, Inc PM5313 Datasheet HTML 368Page - PMC-Sierra, Inc PM5313 Datasheet HTML 369Page - PMC-Sierra, Inc PM5313 Datasheet HTML 370Page - PMC-Sierra, Inc PM5313 Datasheet HTML 371Page - PMC-Sierra, Inc PM5313 Datasheet HTML 372Page - PMC-Sierra, Inc PM5313 Datasheet HTML 373Page - PMC-Sierra, Inc PM5313 Datasheet HTML 374Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
338
Register 0180H: RTAL Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
H4BYP
0
Bit 5
R/W
CLRFS
0
Bit 4
R/W
SSS
1
Bit 3
R/W
Reserved
0
Bit 2
R/W
ESEE
0
Bit 1
R/W
DPJEE
0
Bit 0
R/W
IPAIS
0
This register allows the operation of the Receive Telecombus Aligner to be
configured.
Reserved:
The Reserved bit must be set low for correct operation of the SPECTRA-622
device.
IPAIS:
The insert path alarm indication signal (IPAIS) bit controls the insertion of
PAIS in the DROP bus. When IPAIS is set high, path AIS is inserted in the
DROP bus. The pointer bytes (H1, H2 and H3) and the entire SPE (VC) are
set to all-ones. Path RDI indication is reported in the receive alarm port and to
the companion TPOP in the SPECTRA-622. Normal operation resumes when
the IPAIS bit is set low.
DPJEE:
The DROP bus pointer justification event interrupt enable bit (DPJEE)
controls the activation of the interrupt output when a pointer justification is
inserted in the DROP bus. When DPJEE is set high, insertion of pointer
justification events in the DROP bus will activate the interrupt (INTB) output.
When DPJEE is set low, insertion of pointer justification events in the DROP
bus will not affect INTB.
ESEE:
The elastic store error interrupt enable bit (ESEE) controls the activation of
the interrupt output when a FIFO underflow or overflow has been detected in
the elastic store . When ESEE is set high, FIFO flow error events affect the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com