Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 372 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 372 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 368Page - PMC-Sierra, Inc PM5313 Datasheet HTML 369Page - PMC-Sierra, Inc PM5313 Datasheet HTML 370Page - PMC-Sierra, Inc PM5313 Datasheet HTML 371Page - PMC-Sierra, Inc PM5313 Datasheet HTML 372Page - PMC-Sierra, Inc PM5313 Datasheet HTML 373Page - PMC-Sierra, Inc PM5313 Datasheet HTML 374Page - PMC-Sierra, Inc PM5313 Datasheet HTML 375Page - PMC-Sierra, Inc PM5313 Datasheet HTML 376Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
340
Register 0181H: RTAL Interrupt Status and Control
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
ESD[1]
1
Bit 4
R/W
ESD[0]
0
Bit 3
R
ESEI
X
Bit 2
R
PPJI
X
Bit 1
R
NPJI
X
Bit 0
R/W
DLOP
0
This register allows the control of the DROP bus interface and sensing of
interrupt status.
Reserved:
The Reserved bit must be set low for correct operation of the SPECTRA-622
device.
DLOP:
The diagnose loss of pointer control bit (DLOP) allows downstream pointer
processing elements to be diagnosed. When DLOP is set high, the new data
flag (NDF) field of the payload pointer inserted in the DROP bus is inverted
causing downstream pointer processing elements to enter a loss of pointer
(LOP) state.
NPJI:
The DROP bus negative pointer justification interrupt status bit (NPJI) is set
high when the RTAL inserts a positive pointer justification event on the DROP
bus.
PPJI:
The DROP bus positive pointer justification interrupt status bit (PPJI) is set
high when the RTAL inserts a positive pointer justification event on the DROP
bus.
ESEI:
The DROP bus elastic store error interrupt status bit (ESEI) is set high when
the FIFO in RTAL underflows or overflows. This will cause the RTAL to reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com