Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 375 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 375 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 371Page - PMC-Sierra, Inc PM5313 Datasheet HTML 372Page - PMC-Sierra, Inc PM5313 Datasheet HTML 373Page - PMC-Sierra, Inc PM5313 Datasheet HTML 374Page - PMC-Sierra, Inc PM5313 Datasheet HTML 375Page - PMC-Sierra, Inc PM5313 Datasheet HTML 376Page - PMC-Sierra, Inc PM5313 Datasheet HTML 377Page - PMC-Sierra, Inc PM5313 Datasheet HTML 378Page - PMC-Sierra, Inc PM5313 Datasheet HTML 379Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
343
Register 0182H: RTAL Alarm and Diagnostic Control
Bit
Type
Function
Default
Bit 7
R
Reserved
X
Bit 6
R
Reserved
X
Bit 5
R/W
H4AISB
0
Bit 4
R/W
ITUAIS
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
ESAIS
0
Bit 0
R/W
DH4
0
This register reports alarms and controls diagnostics on the DROP bus.
Reserved:
The Reserved bit must be set low for correct operation of the SPECTRA-622
device.
DH4:
The diagnose multiframe indicator enable bit (DH4) controls the inversion of
the multiframe indicator (H4) byte in the DROP bus. This bit may be used to
cause an out of multiframe alarm in downstream circuitry when the SPE (VC)
is used to carry virtual tributary (VT) or tributary unit (TU) based payloads.
When a logic 0 is written to this bit position, the H4 byte is unmodified. When
a logic 1 is written to this bit position, the H4 byte is inverted.
ESAIS:
The elastic store error path AIS insertion enable bit (ESAIS) controls the
insertion of path AIS in the DROP bus when a FIFO underflow or overflow has
been detected in the elastic store. When ESAIS is set high, detection of FIFO
flow error will cause path AIS to be inserted in the DROP bus for three
frames. When ESAIS is set low, path AIS is not inserted as a result of FIFO
errors.
ITUAIS:
The insert tributary path AIS bits controls the insertion of Tributary Path AIS
on the DROP bus for VT1.5 (TU11), VT2 (TU12), VT3 and VT6 (TU2)
payloads. When ITUAIS is set high, columns in the DROP bus carrying
tributary traffic are set to all ones. The pointer bytes (H1, H2, and H3), the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com