Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 371 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 371 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 367Page - PMC-Sierra, Inc PM5313 Datasheet HTML 368Page - PMC-Sierra, Inc PM5313 Datasheet HTML 369Page - PMC-Sierra, Inc PM5313 Datasheet HTML 370Page - PMC-Sierra, Inc PM5313 Datasheet HTML 371Page - PMC-Sierra, Inc PM5313 Datasheet HTML 372Page - PMC-Sierra, Inc PM5313 Datasheet HTML 373Page - PMC-Sierra, Inc PM5313 Datasheet HTML 374Page - PMC-Sierra, Inc PM5313 Datasheet HTML 375Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
339
interrupt (INTB) output. When ESEE is set low, FIFO flow error events will not
affect INTB.
SSS:
The set ss bit (SSS) controls the value of the ss field in the H1 pointer byte in
the DROP bus. When SSS is set high, the ss bits are set to 'b10. When SSS
is set low, the ss bits are set to 'b00.
CLRFS:
The clear fixed stuff column bit (CLRFS) enables the setting of the fixed stuff
columns in virtual tributary (low order tributary) mappings to zero. When a
logic 1 is written to CLRFS, the fixed stuff column data are set to 00H. When
a logic 0 is written to CLRFS, the fixed stuff column data from the receive
stream is placed on the DROP bus unchanged. The location of the fixed stuff
columns in the synchronous payload envelope (virtual container) is dependent
on the whether the RPPS containing the RTAL is processing concatenated
payload.
H4BYP:
The tributary multiframe bypass bit (H4BYP) controls whether the RTAL block
overwrites the H4 byte in the path overhead with an internally generated
sequence. When H4BYP is set high, the H4 byte carried in the receive stream
is placed on the DROP bus unchanged. When H4BYP is set low, the H4 byte
is replaced by the sequence 'hFC, 'hFD, 'hFE and 'hFF. The phase of the four
frames in the multiframe is synchronized by the multiframe framer in the
RPOP block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com