Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 373 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 373 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 369Page - PMC-Sierra, Inc PM5313 Datasheet HTML 370Page - PMC-Sierra, Inc PM5313 Datasheet HTML 371Page - PMC-Sierra, Inc PM5313 Datasheet HTML 372Page - PMC-Sierra, Inc PM5313 Datasheet HTML 373Page - PMC-Sierra, Inc PM5313 Datasheet HTML 374Page - PMC-Sierra, Inc PM5313 Datasheet HTML 375Page - PMC-Sierra, Inc PM5313 Datasheet HTML 376Page - PMC-Sierra, Inc PM5313 Datasheet HTML 377Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
341
itself. It can thus loose the J1, and go out of AIS for a short period of time if it
was in AIS state.
ESD0- ESD1:
The elastic store depth control bits (ESD[1:0]) set elastic store FIFO fill
thresholds. I.e., the thresholds for the ES_upperT and ES_lowerT indications.
The thresholds for the four ESD[1:0] codes are:
Table 11
- Receive ESD[1:0] codepoints.
ESD[1:0]
Hard neg
limit
Soft neg
limit
Soft pos
limit
Hard pos
limit
00
40
04
01
51
14
10
64
46
11
76
67
Definitions:
Soft neg limit:
The maximum number of incoming negative justification
(after several incoming positive justifications) before
entering the soft region of the FIFO (In the soft region,
the RTAL generates outgoing negative justifications at the
rate of 1 in every 16 frames).
Hard neg limit:
The maximum number of incoming negative justification
(after several incoming positive justifications) before
entering the hard region of the FIFO (In the hard region,
the RTAL generates outgoing negative justification at the
rate of 1 in every 4 frames).
Soft pos limit:
The maximum number of incoming positive justification (after
several incoming negative justifications) before entering
the soft region of the FIFO (In the soft region, the RTAL
generates outgoing positive justification at the rate of 1 in
every 16 frames).
Hard pos limit:
The maximum number of incoming positive justification (after
several incoming negative justifications) before entering
the hard region of the FIFO (In the hard region the RTAL
will start generates outgoing positive justification at the
rate of 1 in every 4 frames).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com