Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 377 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 377 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 373Page - PMC-Sierra, Inc PM5313 Datasheet HTML 374Page - PMC-Sierra, Inc PM5313 Datasheet HTML 375Page - PMC-Sierra, Inc PM5313 Datasheet HTML 376Page - PMC-Sierra, Inc PM5313 Datasheet HTML 377Page - PMC-Sierra, Inc PM5313 Datasheet HTML 378Page - PMC-Sierra, Inc PM5313 Datasheet HTML 379Page - PMC-Sierra, Inc PM5313 Datasheet HTML 380Page - PMC-Sierra, Inc PM5313 Datasheet HTML 381Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
345
Register 0190H: SPTB Control
Bit
Type
Function
Default
Bit 7
R/W
ZEROEN
0
Bit 6
R/W
TIMODE
0
Bit 5
R/W
RTIUE
0
Bit 4
R/W
RTIME
0
Bit 3
R/W
PER5
0
Bit 2
R/W
TNULL
1
Bit 1
R/W
NOSYNC
0
Bit 0
R/W
LEN16
0
This register controls the receive (for RPPS) and transmit (for corresponding
TPPS) portions of the SPTB.
LEN16:
The path trace message length bit (LEN16) selects the length of the path
trace message to be 16 bytes or 64 bytes. When LEN16 is set high, the path
trace message length is 16 bytes. When LEN16 is set low, the path trace
message length is 64 bytes.
NOSYNC:
The path trace message synchronization disable bit (NOSYNC) disables the
writing of the path trace message into the trace buffer to be synchronized to
the content of the message. When LEN16 is set high and NOSYNC is set low,
the receive path trace message byte with its most significant bit set will be
written to the first location in the buffer. When LEN16 is set low, and NOSYNC
is also set low, the byte after the carriage return/linefeed (CR/LF) sequence
will be written to the first location in the buffer. When NOSYNC is set high, the
RTIM and RTIU alarms are invalid and may cause spurious interrupts.
TNULL:
The transmit null bit (TNULL) controls the insertion of an all-zero path trace
identifier message in the transmit stream. When TNULL is set high, the
contents of the transmit buffer is ignore and all-zeros bytes are provided to
the TPOP block. When TNULL is set low the contents of the transmit path
trace buffer is sent to TPOP. TNULL should be set high before changing the
contents of the trace buffer to avoid sending partial messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com