Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 381 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 381 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 377Page - PMC-Sierra, Inc PM5313 Datasheet HTML 378Page - PMC-Sierra, Inc PM5313 Datasheet HTML 379Page - PMC-Sierra, Inc PM5313 Datasheet HTML 380Page - PMC-Sierra, Inc PM5313 Datasheet HTML 381Page - PMC-Sierra, Inc PM5313 Datasheet HTML 382Page - PMC-Sierra, Inc PM5313 Datasheet HTML 383Page - PMC-Sierra, Inc PM5313 Datasheet HTML 384Page - PMC-Sierra, Inc PM5313 Datasheet HTML 385Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
349
RTIUV is set low and the unstable counter cleared once a persistent message
has been received.
In Mode 2, RTIUV is set low during the stable state which is declared after
having received the same 16 byte trace message 3 consecutive times (stable
trace byte for forty-eight consecutive frames). The stable byte is declared the
accepted byte. RTIUV is set high when mismatches between the accepted
byte and the received byte have been detected in three consecutive 16 byte
windows. The 16 byte windows do not overlap and start immediately upon the
first detected error.
RTIUI:
The receive path trace identifier unstable interrupt status bit is set high when
the path trace identifier unstable status (RTIUV) changes state. The setting of
this bit is dependent on the unstable status (RTIUV) which is dependent on
the Trace Identifier Mode. This bit and the interrupt are cleared when this
register is read.
UNEQV:
The unequipped status bit (UNEQV) is dependent on the PSL Mode. In Mode
1, this bit is set high when the accepted path signal label indicates that the
path connection is unequipped. UNEQV is set low when the accepted path
signal label indicates the path connection is not unequipped.
When in PSL Mode 2, the UNEQV is set high upon the reception of five
consecutive frames with an unequipped (00h) label. The bit is set low when
five consecutive frames are received with a label other than the unequipped
label. The five consecutive labels needed to lower the alarm do not need to
be the same. The Assertion of UNEQV will automatically deassert the PSLM
alarm.
UNEQI:
The unequipped indication status bit (UNEQI) is set high when the
equipped/unequipped status (UNEQV) of the path connection changes state.
The setting of this bit is dependent on the UNEQV status which is dependent
on the PSL Mode. This bit (and the interrupt) is cleared when this register is
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com