Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 384 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 384 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 380Page - PMC-Sierra, Inc PM5313 Datasheet HTML 381Page - PMC-Sierra, Inc PM5313 Datasheet HTML 382Page - PMC-Sierra, Inc PM5313 Datasheet HTML 383Page - PMC-Sierra, Inc PM5313 Datasheet HTML 384Page - PMC-Sierra, Inc PM5313 Datasheet HTML 385Page - PMC-Sierra, Inc PM5313 Datasheet HTML 386Page - PMC-Sierra, Inc PM5313 Datasheet HTML 387Page - PMC-Sierra, Inc PM5313 Datasheet HTML 388Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
352
Register 0194H: SPTB Expected Path Signal Label
Bit
Type
Function
Default
Bit 7
R/W
EX_PSL[7]
0
Bit 6
R/W
EX_PSL[6]
0
Bit 5
R/W
EX_PSL[5]
0
Bit 4
R/W
EX_PSL[4]
0
Bit 3
R/W
EX_PSL[3]
0
Bit 2
R/W
EX_PSL[2]
0
Bit 1
R/W
EX_PSL[1]
0
Bit 0
R/W
EX_PSL[0]
0
This register contains the expected path signal label byte in the receive stream.
EX_PSL[7:0]:
The EX_PSL[7:0] bits contain the expected path signal label byte (C2). In PSL
Mode 1, EPSL[7:0] is compared with the accepted path signal label extracted
from the receive stream. A path signal label mismatch (PSLM) is declared if
the accepted PSL differs from the expected PSL. In PSL Mode 2, EPSL[7:0] is
compared with the received path signal label extracted from the receive
stream. A path signal label mismatch (PSLM) is declared if 5 consecutively
received PSLs (other than 00h) differ from the expected PSL. If enabled, an
interrupt is asserted upon declaration and removal of PSLM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com